PART |
Description |
Maker |
EL7242CN EL7252CSZ-T7 EL7242 EL7242CS EL7242CS-T13 |
Dual Input, High Speed, Dual Channel Power MOSFET Driver 2 A 2 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL6833 EL6833CL EL6833CL-T13 EL6833CL-T7 EL6833CLZ |
Dual 4-Channel Driver with Oscillator & LVDS SPECIALTY INTERFACE CIRCUIT, QCC32 Dual 4-Channel Driver with Oscillator & LVDS
|
Intersil, Corp. Intersil Corporation
|
S1T8825 S1T8825X01-R0B0 |
OSC 5V SMT 7X5 CMOS PROGRM 1.1GHZ DUAL PLL
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IR4427STRPBF IR4426SPBF IR4426STRPBF |
DUAL LOW SIDE DRIVER 3.3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8
|
International Rectifier
|
ISL6206 ISL6206CB ISL6206CB-T ISL6206CB- |
High Voltage Synchronous Rectified Buck MOSFET Driver 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO8 MOSFET Driver,Dual N-Channel, 30V, use with Multiphase Controllers, 700mA
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7232CN EL7232CSZ-T7 EL7232CS-T7 EL7232CSZ EL7232 |
Dual Channel, High Speed, High Current Line Driver w/3-State DUAL LINE DRIVER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7252CSZ-T7 EL7242_05 EL7242CN EL7242CNZ EL7242CS |
Dual Input, High Speed, Dual Channel Power MOSFET Driver
|
INTERSIL[Intersil Corporation]
|
EDI8F81025LP100B6C EDI8F81025LP100B6I EDI8F81025LP |
Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc.
|
MIC4423 MIC4423BM MIC4423BN MIC4423BWM MIC4423CN M |
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO16
|
http:// MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
ADN2841ACP-48-RL ADN2841ACP-32-RL7 ADN2841 ADN2841 |
7V; dual-loop 50Mbps-2.7Gbps laser diode driver. For DWDM dual MPD wavelength fixing, SONET OC-1/3/12/48, SDH STM-1/4/16, fiber channel, gigabit ethernet N/A Circular Connector; No. of Contacts:21; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC32 Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver SPECIALTY INTERFACE CIRCUIT, QCC48
|
AD[Analog Devices] Analog Devices, Inc.
|
74AHCT2G126DP 74AHC2G126DP 74AHC2G126GD |
Dual buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|